Part Number Hot Search : 
LCC3600A MLL41 LM293AN 101J1 20N06 S1312 LA7390 AD7543KN
Product Description
Full Text Search
 

To Download TEA1014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TEA1014
VIDEO AND AUDIO SIGNALS SWITCHINGS FOR THE PERI-TELEVISION PLUG
. . . .
VIDEO CROSSTALK : 60 dB TYPICAL LOW IMPEDANCE VIDEO OUTPUT 75 SHORT-CIRCUIT PROTECTION OF INPUTS AND OUTPUTS INTERNAL HORIZONTAL PLL TIME CONSTANT SWITCHING IN CASE OF VIDEO RECORDER RECEPTION
DIP14 (Plastic Package)
DESCRIPTION This integrated circuit provides all video and sound switching allowing connections between the periTV plug and video, sound sections in the TV set. Input and output signal characteristics follow the NFC 92250/EN 50049 norms. PIN CONNECTIONS
ORDER CODE : TEA1014
GROUND EXTERNAL VIDEO OUTPUT INTERNAL VIDEO INPUT REFERENCE TIME CONSTANT SWITCHING SOUND OUTPUT EXTERNAL SOUND INPUT
1 2 3 4 5 6 7
14 13 12 11 10 9 8
EXTERNAL VIDEO INPUT SUPPLY INTERNAL VIDEO OUTPUT BAND III INFORMATION VIDEO RECORDER KEY VIDEO AND SOUND SWITCHING INTERNAL SOUND INPUT
March 1991
1/6
1014-01.EPS
TEA1014
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V CC Tstg Tj Top er Supply Voltage Storage Temperature Range Junction Temperature Operating Ambient Temperature Range Parameter Value 18 - 40, + 150 + 150 0 to 70 Unit V C C
1014-01.TBL 1014-03.TBL 1014-02.TBL
C
THERMAL DATA
Symbol Rth(j-a) Parameter Junction Ambient Thermal Resistance Value 90 Unit C/W
ELECTRICAL OPERATING CHARACTERISTICS (VCC = 12V ; Tamb = + 25oC, unless otherwise specified)
Symbol Parameter Supply Current, with no Load Internal Video Input (coming from picture FI) (pin 3) Video Signal Amplitude (positive video) Input Voltage Range (refered to D. C. input Voltage) Input Impedance Input Capacitance External Video Input (coming from peri-TV plug) (pin 14) Video Signal Amplitude (positive video) Input Voltage Range (refered to D. C. input Voltage) Input Impedance Input Capacitance TV Video Output (pin 12) Signal Amplitude Output Voltage Swing (refered to D. C. output Voltage) Output Dynamic Impedance D.C. Output Voltage (without input signal) Loading Resistance Video Bandwidth (- 1dB) Min. Typ. 37 2.5 - 2.9 5 Max. 50 6.8 + 3.9 5 1 - 1.2 5 2.8 + 1.6 5 1 - 1.2 3.5 300 6 2.8 + 1.6 10 Unit mA VPP V k pF VPP V k pF VPP V V MHz
2/6
1014-02.EPS
TEA1014
ELECTRICAL OPERATING CHARACTERISTICS (continued) (VCC = 12V ; Tamb = + 25oC, unless otherwise specified)
Symbol Parameter Gain/internal Video Gain/external Video External Video Output (low impedance) (pin 2) Signal Amplitude (on 150 grounded) Output Voltage Swing Dynamic Output Impedance D.C. Output Voltage (without input signal) Minimum Loading Resistance (electrical performance non specified) Gain/internal Video Output Video Signals Characteristics Video Rejection between two Inputs (1 MHz) Differential Group Delay Linearity Distortion Luma (test line 17) Chroma (test line 331) Intermodulation Luma-chroma (test line 331) Supply Voltage Rejection Internal Sound Input (pin 8) Input Signal Input Impedance External Sound Input (pin 7) Input Signal Input Impedance Sound Output (pin 6) Output Signal Amplitude Output Voltage Swing Distortion (VO = 0.6 Veff) Bandwidth Output Impedance Load Impedance Gain/internal Input Gain/exteranl Input Supply Voltage Rejection Crosstalk Video/sound Crosstalk LOGIC External A. V. Input (peri-TV plug) (pin 9) Unactive Low Level or Unconnected Pin (logic state 0) - (TV receiving) Active High Level (logic state 1) (ext. receiving) Input Impedance "Band III" Input (pin 11) Unactive Low Level or Unconnected Pin (logic state 0) Active High Level (logic state 1) Input Impedance High Level Input Current Low Level Video-recorder Key Input (pin 10) Unactive High Level or Unconnected Pin (logic state 1) Active Low Level (logic state 0) Input Impedance Open Collector Output (time-constant switching) (pin 5) Leakage Current (open collector) Maximum Low Level Voltage (I(5) = 4mA) Min. - 9.5 - 1.5 Typ. -8 0 2 - 2.4 10 3.5 75 - 3.5 - 55 20 2 2 5 45 0.3 20 0.1 20 0.3 2 0.5 16 40 2 - 1.5 8 60 - 60 - 60 0 9.5 + 1.5 11 2 -2 - 0.5 Max. - 6.5 + 1.5 5.5 + 3.1 Unit dB dB V PP V V dB dB ns % % % dB Veff k Veff k Veff Veff % kHz k dB dB dB dB dB
0.7
0 9 10 0 9 10
3 V CC +3 V CC 1
V V k V V k A V V k A V
1014-04.TBL
9 0 10
V CC 3
1 1.5
3/6
TEA1014
CIRCUIT DESCRIPTION The main functions of the I.C. are following : Video Switching 2 electronically switched inputs : - one 2.5VPP input for internal video. - one 1VPP input for signal coming from the peri-TV plug. 2 outputs : - 1VPP output (low impedance 75) for peri-TV plug. - 1VPP output low impedance for video section of the TV set. Each input and output is protected from ground short-circuit. The 75 output is protected through a 75 resistor. Audio Switching Two electronically switched inputs : - 300mV rms input coming from internal audio. - 100mV rms input coming from the peri-TV plug one low impedance output 300mVRMS. APPLICATION CIRCUIT Inputs and outputs are also protected against ground short-circuit. Switching Logic The logic takes into account the informations on 3 pins. - Internal or external video and sound (pin 8 peri TV plug) - Band III information - Video recorder key. External Video and Audio signals are selected in two cases. - When there is a voltage information coming from peri-TV plug. - When the video recorder key is selected (on TV front panel) and programmed on band III. This I.C. includes an internal switch (open collector transistor) which commutes the time constant of the horizontal PLL circuit in case of video recorder reception.
4/6
1014-03.EPS
TEA1014
SAFETY INFORMATION FOR CRITICAL APPLICATIONS Voltage on pin 9 must not exceed the VCC voltage on pin 13. In case of risk of over voltage, use the protection as described in Figure 2. All connections to Peritel plug are terminated by low impedance loads (75W), except the external sound input. In case of risk of electrostatic discharge, use the protection as described in Figure 3.
Figure 1 : Typical Connection Between Peritel Plug and TEA2014
Figure 2
Figure 3
5/6
1014-06.EPS
1014-05.EPS
1014-04.EPS
TEA1014
PACKAGE MECHANICAL DATA 14 PINS - PLASTIC DIP
a1
I
b1
b Z e3
B
e Z
L
E
D
14
8
F
1
7
Dimensions a1 B b b1 D E e e3 F i L Z
Min. 0.51 1.39
Millimeters Typ.
Max. 1.65
Min. 0.020 0.055
Inches Typ.
Max. 0.065
0.5 0.25 20 8.5 2.54 15.24 7.1 5.1 3.3 1.27 2.54 0.050
0.020 0.010 0.787 0.335 0.100 0.600 0.280 0.201 0.130 0.100
DIP14.TBL
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No licence is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved Purchase of I C Components of SGS-THOMSON Microelectronics, conveys a license under the Philips I2C Patent. Rights to use these components in a I2C system, is granted provided that the system conforms to the I2C Standard Specifications as defined by Philips. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
2
6/6
PM-DIP14.EPS


▲Up To Search▲   

 
Price & Availability of TEA1014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X